Part Number Hot Search : 
BAV21 25160 2SD401 36430 78L08A M600H ATF15 GB4571
Product Description
Full Text Search
 

To Download DDTA114ECA-7-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ddta(r1 = r2 series) ca document number: ds30333 rev. 9 - 2 1 of 5 www.diodes.com november 2013 ? diodes incorporated ddta ( r1 = r2 series ) ca pnp pre-biased small signal surface mount transistor ? features ? epitaxial planar die construction ? complementary npn types available (ddtc) ? built-in biasing resistors, r1 ?? r2 ? totally lead-free & fully rohs compliant (notes 1 & 2) ? halogen and antimony free "green" device (note 3) ? qualified to aec-q101 standards for high reliability ? ppap capable (note 4) mechanical data ? case: sot23 ? case material: molded plasti c, ?green? molding compound ? ul flammability classification rating 94v-0 ? moisture sensitivity: level 1 per j-std-020 ? terminals: finish ? matte tin plated leads, solderable per mil-std-202, method 208 ? weight: 0.008 grams (approximate) part number r1, r2 (nom) ddta123eca 2.2k ? ddta143eca 4.7k ? ddta114eca 10k ? ddta124eca 22k ? ddta144eca 47k ? ddta115eca 100k ? ordering information (notes 3 & 4) product compliance marking reel size (inches) tape width (mm) quantity per reel ddta123eca-7-f aec-q101 p04 7 8 3,000 ddta143eca-7-f aec-q101 p08 7 8 3,000 DDTA114ECA-7-F aec-q101 p13 7 8 3,000 ddta114ecaq-7-f automotive p13 7 8 3,000 ddta114ecaq-13-f automotive p13 13 8 10,000 ddta124eca-7-f aec-q101 p17 7 8 3,000 ddta144eca-7-f aec-q101 p20 7 8 3,000 ddta144ecaq-13-f automotive p20 13 8 10,000 ddta115eca-7-f aec-q101 p24 7 8 3,000 notes: 1. no purposely added lead. fully eu directiv e 2002/95/ec (rohs) & 2011/6 5/eu (rohs 2) compliant. 2. see http://www.diodes.com/quality/lead_free.html for more in formation about diodes incorporated?s definitions of halogen- a nd antimony-free, "green" and lead-free. 3. halogen- and antimony-free "green? products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total br + cl) and <1000ppm antimony compounds. 4. automotive products are aec-q101 qualified and are ppap c apable. automotive, aec-q101 and standard products are electrical ly and thermally the same, except where specified. for more information, please refer to http://www.diodes.c om/quality/product_compliance_defin itions/. 5. for packaging details, go to our websit e at http://www.diodes.com /products/packages.html. marking information date code key year 2002 2003 2004 2005 2006 2007 2008 2009 2010 2011 2012 2013 2014 2015 2016 2017 code n p r s t u v w x y z a b c d e month jan feb mar apr may jun jul aug sep oct nov dec code 1 2 3 4 5 6 7 8 9 o n d device schematic top view sot23 xxx = product type marking code, see ordering information ym = date code marking y = year (ex: x = 2010) m = month (ex: 9 = september) 1 3 2 gnd (0) c b in out e equivalent inverter circuit r1 out b c e r2 3 2 1 in gnd(+) xxx ym
ddta(r1 = r2 series) ca document number: ds30333 rev. 9 - 2 2 of 5 www.diodes.com november 2013 ? diodes incorporated ddta ( r1 = r2 series ) ca absolute maximum ratings (@t a = +25c, unless otherwise specified.) characteristic symbol value unit supply voltage v cc 50 v input voltage ddta123eca ddta143eca ddta114eca ddta124eca ddta144eca ddta115eca v in +10 to ?12 +10 to ?30 +10 to ?40 +10 to ?40 +10 to ?40 +10 to ?40 v output current ddta123eca ddta143eca ddta114eca ddta124eca ddta144eca ddta115eca i o -100 -100 -50 -30 -30 -20 ma output current i c (max) -100 ma thermal characteristics (@t a = +25c, unless otherwise specified.) characteristic symbol value unit power dissipation (note 6) p d 200 mw thermal resistance, junction to ambient air (note 6) r ? electrical characteristics (@t a = +25c, unless otherwise specified.) characteristic symbol min typ max unit test condition input voltage v l ( off ) -0.5 -1.1 ? v v cc = -5v, i o = -100 ? a v l(on) ? -1.9 -3 v o = -0.3v, i o = -20ma, ddta123eca v o = -0.3v, i o = -20ma, ddta143eca v o = -0.3v, i o = -10ma, ddta114eca v o = -0.3v, i o = -5ma, ddta124eca v o = -0.3v, i o = -2ma, ddta144eca v o = -0.3v, i o = -1ma, ddta115eca output voltage v o(on) ? -0.1 -0.3 v i o /i l = -10ma/-0.5ma ddta123eca i o /i l = -10ma/-0.5ma ddta143eca i o /i l = -10ma/-0.5ma ddta114eca i o /i l = -10ma/-0.5ma ddta124eca i o /i l = -10ma/-0.5ma ddta144eca i o /i l = -5ma/-0.25ma ddta115eca input current ddta123eca ddta143eca ddta114eca ddta124eca ddta144eca ddta115eca i l ? ? -3.8 -1.8 -0.88 -0.36 -0.18 -0.15 ma v i = -5v output current i o ( off ) ? ? -0.5 ? a v cc = -50v, v i = 0v dc current gain ddta123eca ddta143eca ddta114eca ddta124eca ddta144eca ddta115eca g l 20 20 30 56 68 82 ? ? ? v o = -5v, i o = -20ma v o = -5v, i o = -10ma v o = -5v, i o = -5ma v o = -5v, i o = -5ma v o = -5v, i o = -5ma v o = -5v, i o = -5ma input resistor tolerance ? r 1 -30 ? +30 % ? resistance ratio tolerance ? r 2 /r 1 0.8 1 1.2 % ? gain-bandwidth product (note 7) f t ? 250 ? mhz v ce = -10v, i e = -5ma, f = 100mhz note: 7. transistor - for reference only
ddta(r1 = r2 series) ca document number: ds30333 rev. 9 - 2 3 of 5 www.diodes.com november 2013 ? diodes incorporated ddta ( r1 = r2 series ) ca typical characteristics ? ddta143eca (@t a = +25c, unless otherwise specified.) -50 050100150 250 200 150 50 100 0 t , ambient temperature ( c) fig. 1 derating curve a p , p ow e r di s s i p a t io n (mw) d 0.001 0.01 0.1 1 0 10 20 30 40 50 v, c oll e c t o r e mi t t e r vol t a g e (v) ce(sat) i , collector current (ma) fig. 2 v vs. i c ce(sat) c i/i = 10 cb -25 c 75 c 25 c 10 1,000 100 1 110100 h, d c c u r r e n t g ai n fe i , collector current (ma) fig. 3 dc current gain c 0 2 4 6 10 0 20 30 c , c a p a c i t an c e (p f ) ob v , reverse bias voltage (v) fig. 4 output capacitance r 1 2 10 5 15 25 8 f = 1mhz 0.01 0.1 1 10 100 0 1 234 89 10 i, c o lle c t o r c u r r e n t (ma) c v , input voltage (v) fig. 5 collector current vs. input voltage in 75 c -25c 5 67 25c v = 5v o 0 1 10 0 10203040 50 i , collector current (ma) fig. 6 input voltage vs. collector current c v , input voltage (v) in
ddta(r1 = r2 series) ca document number: ds30333 rev. 9 - 2 4 of 5 www.diodes.com november 2013 ? diodes incorporated ddta ( r1 = r2 series ) ca package outline dimensions please see ap02002 at http://www.diodes.com /datasheets/ap02002.pdf for latest version. suggested pad layout please see ap02001 at http://www.diodes.com/dat asheets/ap02001.pdf for the latest version. sot23 dim min max typ a 0.37 0.51 0.40 b 1.20 1.40 1.30 c 2.30 2.50 2.40 d 0.89 1.03 0.915 f 0.45 0.60 0.535 g 1.78 2.05 1.83 h 2.80 3.00 2.90 j 0.013 0.10 0.05 k 0.890 1.00 0.975 k1 0.903 1.10 1.025 l 0.45 0.61 0.55 l1 0.25 0.55 0.40 m 0.085 0.150 0.110 a ? 8 all dimensions in mm dimensions value (in mm) z 2.9 x 0.8 y 0.9 c 2.0 e 1.35 x e y c z j k 1 k l 1 h l m a l l 7 a c b d a
ddta(r1 = r2 series) ca document number: ds30333 rev. 9 - 2 5 of 5 www.diodes.com november 2013 ? diodes incorporated ddta ( r1 = r2 series ) ca important notice diodes incorporated makes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose (and their equivalents under the laws of any jurisdiction). diodes incorporated and its subsidiaries rese rve the right to make modifications, enhanc ements, improvements, corrections or ot her changes without further notice to this document and any product descri bed herein. diodes incorporated does not assume any liability ari sing out of the application or use of this document or an y product described herein; neither does di odes incorporated convey any license under its patent or trademark rights, nor the rights of others. any customer or us er of this document or products described herein in such applica tions shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on diodes incorporated website, harmless against all damages. diodes incorporated does not warrant or accept any liability w hatsoever in respect of any products purchased through unauthoriz ed sales channel. should customers purchase or use diodes inco rporated products for any unintended or una uthorized application, customers shall i ndemnify and hold diodes incorporated and its representativ es harmless against all claims, damages, expenses, and attorney fees arising out of, directly or indirectly, any claim of personal injury or death a ssociated with such unintended or unauthorized application. products described herein may be covered by one or more united states, international or foreign patents pending. product names and markings noted herein may also be covered by one or more united states, international or foreign trademarks. this document is written in english but may be translated into multiple languages for reference. only the english version of t his document is the final and determinative format released by diodes incorporated. life support diodes incorporated products are specifically not authorized for use as critical component s in life support devices or systems without the express written approval of the chief executive offi cer of diodes incorporated. as used herein: a. life support devices or syst ems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when proper ly used in accordance with instructions for use provided in the labeling can be reasonably expected to result in significant injury to the user. b. a critical component is any component in a life support devic e or system whose failure to perform can be reasonably expect ed to cause the failure of the life support device or to affect its safety or effectiveness. customers represent that they have all necessary expertise in the safety and regulatory ramifi cations of their life support dev ices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety-rel ated requirements concerning the ir products and any use of diodes incorporated products in such safety-critical, life support devices or systems, notwithstanding any devices- or s ystems-related information or support that may be provided by diodes incorporated. further, customers must fully indemnify diodes incorporate d and its representatives against any damages arisi ng out of the use of diodes incorporated pr oducts in such safety-critical, life suppor t devices or systems. copyright ? 2013, diodes incorporated www.diodes.com


▲Up To Search▲   

 
Price & Availability of DDTA114ECA-7-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X